PART |
Description |
Maker |
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
M35102 |
Contactless Memory with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM 13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM WITH 64-BIT UNIQUE SERIAL ID
|
SGS Thomson Microelectronics STMicroelectronics
|
SR17607 |
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
|
STMicroelectronics
|
ATAM862-TNSJ8 ATAM862-TNQJ8 |
Microcontroller with UHF ASK/FSK trancmitter. Program memory 4 kB flash. Data-EEPROM 2 x 512 bit. RF frequency range 868 MHz/915 MHz.
|
Atmel
|
SR176 SR176-A3S SR176-A3T SR176-A4S SR176-A4T SR17 |
13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID 13.56兆赫短距离非接触式存储器芯片176位用户EEPROM4位唯一ID
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
PCA9558PW |
PCA9558; 8-bit I²C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I²C EEPROM DIP switch and 2-kbit EEPROM
|
Philips
|
HN58X2408TIE HN58X2416TIE HN58X2464TIE HN58X2464FP |
Memory>EEPROM>Serial EEPROM Two-wire serial interface 8k EEPROM (1-kword × 8-bit)/16k EEPROM (2-kword × 8-bit) 32k EEPROM (4-kword × 8-bit)/64k EEPROM (8-kword × 8-bit) Two-wire serial interface 8k EEPROM (1-kword 隆驴 8-bit)/16k EEPROM (2-kword 隆驴 8-bit) 32k EEPROM (4-kword 隆驴 8-bit)/64k EEPROM (8-kword 隆驴 8-bit)
|
http:// Renesas Electronics Corporation
|
ST1353D-D10/XXYY ST1333D-D10/XXYY ST1335D ST1331D |
6-CONTACT MEMORY CARD IC 272-BIT EEPROM WITH ADVANCED SECURITY MECHANISMS AND INLOCK SYSTEM EEPROM EEPROM
|
SGS Thomson Microelectronics
|
SLE4428C SLE4428M2.2 SLE4418M2.2 SLE4418 SLE4418C |
16MM PB 65168-010 1K X 8 3-WIRE SERIAL EEPROM, UUC8 ICs for Chip Cards 1K X 8 3-WIRE SERIAL EEPROM, UUC8 Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能8K1024 x 8 EEPROM) 智能8千位024 × 8位)具有写保护功能的EEPROM(智能化8K的位024 × 8位)的EEPROM Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM(带些保护功能)) Intelligent 8-Kbit(1024 x 8-bit) EEPROM With Write Protection Function(智能K1024 x 8 EEPROM) ICs for Chip Cards / Intelligent 8-Kbit EEPROM SERIAL EEPROM,1KX8,MOS,WAFER,PLASTIC SERIAL EEPROM,1KX8,MOS,MODULE,8PIN,PLASTIC From old datasheet system
|
SIEMENS AG Infineon Technologies AG SIEMENS[Siemens Semiconductor Group]
|
CY7C64713-100AXCT |
8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP100
|
CYPRESS SEMICONDUCTOR CORP
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|